Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FL15F1MARE Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7FL15F1MARE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MARE Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7FL15F1MARE Datasheet HTML 64Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 65Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 66Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 67Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 68Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 69Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 70Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 71Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
ST7L15, ST7L19
68/138
DUAL 12-BIT AUTORELOAD TIMER 4 (cont’d)
Bits 11:0 = ICR[11:0] Input Capture Data
This is a 12-bit register which is readable by soft-
ware and cleared by hardware after a reset. The
ATICR register contains the captured value of the
12-bit CNTR1 register when a rising or falling edge
occurs on the ATIC or LTIC pin (depending on
ICS). Capture will only be performed when the ICF
flag is cleared.
BREAK ENABLE REGISTER (BREAKEN)
Read/Write
Reset Value: 0000 0011 (03h)
Bits 7:2 = Reserved, must be kept cleared
Bit 1 = BREN2 Break Enable for Counter 2 (forced
at high level in ROM devices)
This bit is read/write by software. It enables the
break functionality for Counter 2 if BA bit is set in
BREAKCR. It controls PWM2/3 if ENCNTR2 bit is
set.
0: No Break applied for CNTR2
1: Break applied for CNTR2
Bit 0 = BREN1 Break Enable for Counter 1 (forced
at high level in ROM devices)
This bit is read/write by software. It enables the
break functionality for Counter 1. If BA bit is set, it
controls PWM0/1 by default, and controls PWM2/3
also if ENCNTR2 bit is reset.
0: No Break applied for CNTR1
1: Break applied for CNTR1
TIMER CONTROL REGISTER2 (ATCSR2)
Read/Write
Reset Value: 0000 0011 (03h)
Bit 7 = FORCE2 Force Counter 2 Overflow (not
applicable to ROM devices)
This bit is read/set by software. When set, it loads
FFFh in the CNTR2 register. It is reset by hard-
ware one CPU clock cycle after Counter 2 over-
flow has occurred.
0: No effect on CNTR2
1: Loads FFFh in CNTR2
Note: This bit must not be reset by software
Bit 6 = FORCE1 Force Counter 1 Overflow (forced
at high level in ROM devices)
This bit is read/set by software. When set, it loads
FFFh in CNTR1 register. It is reset by hardware
one CPU clock cycle after Counter 1 overflow has
occurred.
0: No effect on CNTR1
1: Loads FFFh in CNTR1
Note: This bit must not be reset by software
Bit 5 = ICS Input Capture Shorted
This bit is read/write by software. It allows the AT-
timer CNTR1 to use the LTIC pin for long input
capture.
0: ATIC for CNTR1 input capture
1: LTIC for CNTR1 input capture
Bit 4 = OVFIE2 Overflow Interrupt 2 Enable
This bit is read/write by software and controls the
overflow interrupt of Counter 2.
0: Overflow interrupt disabled
1: Overflow interrupt enabled
Bit 3 = OVF2 Overflow Flag
This bit is set by hardware and cleared by software
by reading the ATCSR2 register. It indicates the
transition of the Counter 2 from FFFh to ATR2 val-
ue.
0: No counter overflow occurred
1: Counter overflow occurred
Bit 2 = ENCNTR2 Enable Counter 2 for PWM2/3
This bit is read/write by software and switches the
PWM2/3 operation to the CNTR2 counter. If this
bit is set, PWM2/3 will be generated using CNTR2.
0: PWM2/3 is generated using CNTR1.
1: PWM2/3 is generated using CNTR2.
Note: Counter 2 becomes frozen when the
ENCNTR2 bit is reset. When ENCNTR2 is set
again, the counter will restart from the last value.
70
0
000
00
BREN2 BREN1
70
FORCE
2
FORCE
1
ICS
OVFIE2
OVF2
ENCNT
R2
TRAN2 TRAN1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com