| Electronic Components Datasheet Search |
|
ST7FL15F1MARE Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FL15F1MARE Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 138 page ![]() ST7L15, ST7L19 14/138 DATA EEPROM (cont’d) 5.3 MEMORY ACCESS The Data EEPROM memory read/write access modes are controlled by the E2LAT bit of the EEP- ROM Control/Status register (EECSR). The flow- chart in Figure 6 describes these different memory access modes. Read Operation (E2LAT = 0) The EEPROM can be read as a normal ROM loca- tion when the E2LAT bit of the EECSR register is cleared. On this device, Data EEPROM can also be used to execute machine code. Do not write to the Data EEPROM while executing from it. This would re- sult in an unexpected code being executed. Write Operation (E2LAT = 1) To access the write mode, the E2LAT bit must be set by software (the E2PGM bit remains cleared). When a write access to the EEPROM area occurs, the value is latched inside the 32 data latches ac- cording to its address. When PGM bit is set by the software, all the previ- ous bytes written in the data latches (up to 32) are programmed in the EEPROM cells. The effective high address (row) is determined by the last EEP- ROM write sequence. To avoid wrong program- ming, the user must ensure that all the bytes writ- ten between two programming sequences have the same high address: Only the five Least Signif- icant Bits of the address can change. At the end of the programming cycle, the PGM and LAT bits are cleared simultaneously. Note: Care should be taken during the program- ming cycle. Writing to the same memory location over-programs the memory (logical AND between the two write access data results) because the data latches are only cleared at the end of the pro- gramming cycle and by the falling edge of the E2LAT bit. It is not possible to read the latched data. This note is illustrated by the Figure 8 on page 16. Figure 6. Data EEPROM Programming Flowchart READ MODE E2LAT = 0 E2PGM = 0 WRITE MODE E2LAT = 1 E2PGM = 0 READ BYTES IN EEPROM AREA WRITE UP TO 32 BYTES IN EEPROM AREA (with the same 11 MSB of the address) START PROGRAMMING CYCLE E2LAT = 1 E2PGM = 1 (set by software) E2LAT 01 CLEARED BY HARDWARE 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |