Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FL15F1MARE Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7FL15F1MARE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MARE Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7FL15F1MARE Datasheet HTML 98Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 99Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 100Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 101Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 102Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 103Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 104Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 105Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
ST7L15, ST7L19
102/138
OPERATING CONDITIONS (cont’d)
Figure 62. fRC vs VDD and Temperature for Calibrated RCCR0
13.3.1.2 Operating Conditions (tested for TA = -40 to +125°C) @ VDD = 3.0 to 3.6V
1)
Notes:
1. Data based on characterization results, not tested in production.
2. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
3. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 21.
4. Minimum value is obtained for hot temperature and maximum value is obtained for cold temperature.
5. Measurement made with RC calibrated at 1 MHz.
6. Guaranteed by design.
7. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
8. After the LOCKED bit is set, ACCPLL is maximum 10% until tSTAB has elapsed. See Figure 11 on page 22.
Symbol
Parameter1)
Conditions
Min
Typ
Max
Unit
fRC
2)
Internal RC oscillator fre-
quency
RCCR = FF (reset value), TA = 25°C, VDD = 3.3V
700
kHz
RCCR = RCCR13), TA = 25°C, VDD = 3.3V
992
1000
1008
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR = RCCR13)4)
TA = 25°C, VDD = 3.3V
-0.8
+0.8
%
TA = 25°C, VDD = 3 to 3.6V
-1
+1
TA= -40 to +125°C, VDD = 3 to 3.6V
-5
+6.5
IDD(RC)
RC oscillator current con-
sumption
TA = 25°C, VDD = 3.3V
4005)
µA
tsu(RC)
RC oscillator setup time
TA = 25°C, VDD =3.3V
103)
µs
fPLL
x4 PLL input clock
0.7
MHz
tLOCK
PLL lock time8)
2
ms
tSTAB
PLL stabilization time8)
4
ACCPLL
x4 PLL accuracy
fRC = 1 MHz @ TA = -40 to +125°C, VDD = 3.3V
0.17)
%
fRC =1 MHz @ TA = 25°C, VDD = 3 to 3.6V
0.17)
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
6)
IDD(PLL)
PLL current consumption TA = 25°C
190
µA
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
1.025
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
Vdd (V)
-45
-10
0
25
90
110
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com