Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FL15F1MARE Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7FL15F1MARE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MARE Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7FL15F1MARE Datasheet HTML 106Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 107Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 108Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 109Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 110Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 111Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 112Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 113Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 138 page
background image
ST7L15, ST7L19
110/138
ELECTRICAL CHARACTERISTICS (cont’d)
13.6 MEMORY CHARACTERISTICS
13.6.1 RAM and Hardware Registers
TA = -40 to +125°C, unless otherwise specified.
13.6.2 Flash Program Memory
TA = -40 to +85°C, unless otherwise specified
13.6.3 EEPROM Data Memory
TA = -40 to +125°C, unless otherwise specified
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Guaranteed by construction, not tested in production.
2. Up to 32 bytes can be programmed at a time.
3. The data retention time increases when the TA decreases.
4. Data based on reliability test results and monitored in production.
5. Guaranteed by Design. Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode1)
HALT mode (or RESET)
1.6
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash write/erase
Refer to operating range of
VDD with TA, section 13.3.1
on page 100
3.0
5.5
V
tprog
Programming time for 1~32 bytes2)
TA =−40 to +85°C
5
10
ms
Programming time for 1.5 Kbytes
TA = 25°C
0.24
0.48
s
tRET
4)
Data retention
TA = 55°C
3)
20
years
NRW
Write erase cycles
TPROG = 25°C
1K
cycles
TPROG = 85°C
300
IDD
Supply current
Read / Write / Erase modes
fCPU = 8 MHz, VDD = 5.5V
2.65)
mA
No Read/No Write Mode
100
µA
Power down mode / HALT
0
0.1
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for EEPROM write/
erase
Refer to operating range of
VDD with TA, section 13.3.1
on page 100
3.0
5.5
V
tprog
Programming time for 1~32 bytes
TA =−40 to +125°C
5
10
ms
tRET
4)
Data retention with 1k cycling
(TPROG = −40 to +125°C
TA = 55°C
3)
20
years
Data retention with 10k cycling
(TPROG = −40 to +125°C)
10
Data retention with 100k cycling
(TPROG = −40 to +125°C)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com