Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4518B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4518B
Description  DUAL BCD UP COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4518B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4518B_02 Datasheet HTML 2Page - STMicroelectronics HCF4518B_02 Datasheet HTML 3Page - STMicroelectronics HCF4518B_02 Datasheet HTML 4Page - STMicroelectronics HCF4518B_02 Datasheet HTML 5Page - STMicroelectronics HCF4518B_02 Datasheet HTML 6Page - STMicroelectronics HCF4518B_02 Datasheet HTML 7Page - STMicroelectronics HCF4518B_02 Datasheet HTML 8Page - STMicroelectronics HCF4518B_02 Datasheet HTML 9Page - STMicroelectronics HCF4518B_02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HCF4518B
6/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
Clock or Enable to Output
5
280
560
ns
10
115
230
15
80
160
tPLH tPHL Propagation Delay Time
Reset to Output
5
330
650
ns
10
130
225
15
90
170
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Clock Pulse Width
5
200
100
ns
10
100
50
15
70
35
tW
Reset Pulse Width
5
250
125
ns
10
110
55
15
80
40
tW
Enable Pulse Width
5
400
200
ns
10
200
100
15
140
70
tr , tf
Clock or Enable Rise and
Fall Time
515
µs
10
15
15
5
fMAX
Maximum Clock
Frequency
5
1.5
3
MHz
10
3
6
15
4
8
tr , tf
Clock Input Rise or Fall
Time
515
µs
10
5
15
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com