Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4518B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4518B
Description  DUAL BCD UP COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4518B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4518B_02 Datasheet HTML 1Page - STMicroelectronics HCF4518B_02 Datasheet HTML 2Page - STMicroelectronics HCF4518B_02 Datasheet HTML 3Page - STMicroelectronics HCF4518B_02 Datasheet HTML 4Page - STMicroelectronics HCF4518B_02 Datasheet HTML 5Page - STMicroelectronics HCF4518B_02 Datasheet HTML 6Page - STMicroelectronics HCF4518B_02 Datasheet HTML 7Page - STMicroelectronics HCF4518B_02 Datasheet HTML 8Page - STMicroelectronics HCF4518B_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
October 2002
s
MEDIUM SPEED OPERATION :
6MHz (Typ.) at 10V
s
POSITIVE -OR NEGATIVE- EDGE
TRIGGERING
s
SYNCHRONOUS INTERNAL CARRY
PROPAGATION
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4518B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4518B Dual BCD Up Counter consists of two
identical, internal 4 stage counters. The counter
stages
are
D-type
Flip-Flops
having
interchangeable Clock and Enable lines for
incrementing on either the positive-going or
negative
going
transitions.
For
single-unit
operations the Enable input is maintained High
and the counter advances on each positive going
transition of the Clock. The counters are cleared
by high levels on their Reset lines. The counter
can be cascaded in the ripple mode by connecting
Q4 to the enable input of the subsequent counter
while the clock input of the latter is held low.
HCF4518B
DUAL BCD UP COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4518BEY
SOP
HCF4518BM1
HCF4518M013TR
DIP
SOP


Similar Part No. - HCF4518B_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B Datasheet
315Kb / 14P
DUAL UP-COUNTERS
Jun-1989
More results

Similar Description - HCF4518B_02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
BCD up/down counter
December 1990
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
BCD up/down counter
January 1995
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
Dual BCD counter
January 1995
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
BCD Up/Down Counter
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
Dual BCD Up Counter, Dual Binary Up Counter
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
CMOS BCD UP/DOWN COUNTER
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
BCD Up/Down Counter
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
SYNCHRONOUS BCD UP/DOWN COUNTER
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
Dual BCD counter
Rev. 9 - 3 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com