Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M25P64_07 Datasheet HTML 22Page - STMicroelectronics M25P64_07 Datasheet HTML 23Page - STMicroelectronics M25P64_07 Datasheet HTML 24Page - STMicroelectronics M25P64_07 Datasheet HTML 25Page - STMicroelectronics M25P64_07 Datasheet HTML 26Page - STMicroelectronics M25P64_07 Datasheet HTML 27Page - STMicroelectronics M25P64_07 Datasheet HTML 28Page - STMicroelectronics M25P64_07 Datasheet HTML 29Page - STMicroelectronics M25P64_07 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Instructions
M25P64
26/49
6.4
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The
Status Register may be read at any time, even while a Program, Erase or Write Status
Register cycle is in progress. When one of these cycles is in progress, it is recommended to
check the Write In Progress (WIP) bit before sending a new instruction to the device. It is
also possible to read the Status Register continuously, as shown in Figure 11.
The status and control bits of the Status Register are as follows:
6.4.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to 1, such a cycle is in progress, when reset to
0 no such cycle is in progress.
6.4.2
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable
Latch is reset and no Write Status Register, Program or Erase instruction is accepted.
6.4.3
BP2, BP1, BP0 bits
The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the area to
be software protected against Program and Erase instructions. These bits are written with
the Write Status Register (WRSR) instruction. When one or more of the Block Protect (BP2,
BP1, BP0) bits is set to 1, the relevant memory area (as defined in Table 2) becomes
protected against Page Program (PP) and Sector Erase (SE) instructions. The Block Protect
(BP2, BP1, BP0) bits can be written provided that the Hardware Protected mode has not
been set. The Bulk Erase (BE) instruction is executed if, and only if, all Block Protect (BP2,
BP1, BP0) bits are 0.
Table 6.
Status Register format
b7
b0
SRWD
0
0
BP2
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com