Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M25P64_07 Datasheet HTML 24Page - STMicroelectronics M25P64_07 Datasheet HTML 25Page - STMicroelectronics M25P64_07 Datasheet HTML 26Page - STMicroelectronics M25P64_07 Datasheet HTML 27Page - STMicroelectronics M25P64_07 Datasheet HTML 28Page - STMicroelectronics M25P64_07 Datasheet HTML 29Page - STMicroelectronics M25P64_07 Datasheet HTML 30Page - STMicroelectronics M25P64_07 Datasheet HTML 31Page - STMicroelectronics M25P64_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Instructions
M25P64
28/49
6.5
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed. After the Write Enable (WREN) instruction has been decoded and
executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code and the data byte on Serial Data Input (D).
The instruction sequence is shown in Figure 12.
The Write Status Register (WRSR) instruction has no effect on b6, b5, b1 and b0 of the
Status Register. b6 and b5 are always read as 0.
Chip Select (S) must be driven High after the eighth bit of the data byte has been latched in.
If not, the Write Status Register (WRSR) instruction is not executed. As soon as Chip Select
(S) is driven High, the self-timed Write Status Register cycle (whose duration is tW) is
initiated. While the Write Status Register cycle is in progress, the Status Register may still
be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP)
bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed.
When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the
Block Protect (BP2, BP1, BP0) bits, to define the size of the area that is to be treated as
read-only, as defined in Table 2. The Write Status Register (WRSR) instruction also allows
the user to set or reset the Status Register Write Disable (SRWD) bit in accordance with the
Write Protect (W/VPP) signal. The Status Register Write Disable (SRWD) bit and Write
Protect (W/VPP) signal allow the device to be put in the Hardware Protected Mode (HPM).
The Write Status Register (WRSR) instruction is not executed once the Hardware Protected
Mode (HPM) is entered.
The protection features of the device are summarized in Table 7.
Table 7.
Protection modes
W/VPP
signal
SRWD
bit
Mode
Write Protection of the
Status Register
Memory content
Protected area(1)
1.
As defined by the values in the Block Protect (BP2, BP1, BP0) bits of the Status Register, as shown in
Table 2.
Unprotected area(1)
10
Software
Protected
(SPM)
Status Register is Writable
(if the WREN instruction
has set the WEL bit)
The values in the SRWD,
BP2, BP1 and BP0 bits
can be changed
Protected against
Page Program,
Sector Erase and
Bulk Erase
Ready to accept
Page Program and
Sector Erase
instructions
00
11
01
Hardware
Protected
(HPM)
Status Register is
Hardware write protected
The values in the SRWD,
BP2, BP1 and BP0 bits
cannot be changed
Protected against
Page Program,
Sector Erase and
Bulk Erase
Ready to accept
Page Program and
Sector Erase
instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com