Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FLW040A Datasheet(PDF) 36 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M50FLW040A_06 Datasheet HTML 32Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 33Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 34Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 35Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 36Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 37Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 38Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 39Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Firmware hub/low pin count (FWH/LPC) interface Configuration Registers
M50FLW040A,
36/64
6.1.3
Lock Down
The Lock Down Bit provides a mechanism for protecting software data from simple hacking
and malicious attack. When the Lock Down Bit is set, ‘1’, further modification to the Write
Lock, Read Lock and Lock Down Bits cannot be performed. A reset, or power-up, is required
before changes to these bits can be made. When the Lock Down Bit is reset, ‘0’, the Write
Lock, Read Lock and Lock Down Bits can be changed.
1.
In LPC mode, a most significant nibble, F, must be added to the memory address. For all registers, A22=0,
and the remaining address bits should be set according to the rules shown in the ADDR field of Table 6 to
Table 9.
Table 15.
Configuration Register map
Mnemonic
Register Name
Memory
Address
Default
Value
Access
Lock Registers (For details, see Appendix A)
GPI_REG
Firmware Hub/Low Pin Count (FWH/LPC)
General Purpose Input Register
FBC0100h
N/A
R
MANU_REG
Manufacturer Code Register
FBC0000h
20h
R
Table 16.
Lock Register bit definitions
Bit
Bit Name
Value
Function(1)
1.
Applies to Top Block Lock Register (T_BLOCK_LK) and Top Block [-1] Lock Register (T_MINUS01_LK) to
Top Block [-7] Lock Register (T_MINUS07_LK).
7-3
Reserved
2
Read-Lock
‘1’
Bus Read operations in this Block always return 00h.
‘0’
Bus read operations in this Block return the Memory Array contents.
(Default value).
1
Lock-Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be
performed. Once a ‘1’ is written to the Lock-Down bit it cannot be
cleared to ‘0’; the bit is always reset to ‘0’ following a Reset (using RP
or INIT) or after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to
them. (Default value).
0
Write-Lock
‘1’
Program and Erase operations in this Block will set an error in the
Status Register. The memory contents will not be changed. (Default
value).
‘0’
Program and Erase operations in this Block are executed and will
modify the Block contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com