Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FLW040A Datasheet(PDF) 41 Page - STMicroelectronics

Part # M50FLW040A
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M50FLW040A_06 Datasheet HTML 37Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 38Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 39Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 40Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 41Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 42Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 43Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 44Page - STMicroelectronics M50FLW040A_06 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
M50FLW040A, M50FLW040B
DC and AC parameters
41/64
Figure 11.
A/A Mux interface AC measurement I/O waveform
Figure 12.
AC measurement load circuit
Table 23.
Impedance(1)
1.
TA = 25°C, f = 1MHz.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
(2)
2.
Sampled only, not 100% tested.
Input Capacitance
VIN = 0V
13
pF
CCLK
(2)
Clock Capacitance
VIN = 0V
3
12
pF
LPIN
(3)
3.
See PCI Specification.
Recommended Pin
Inductance
20
nH
AI01417
3V
0V
1.5V
AI08430
VDD
CL
CL includes JIG capacitance
16.7k
Ω
DEVICE
UNDER
TEST
0.1µF
VDD
0.1µF
VPP
16.7k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com