Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6179 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6179
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6179 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6179 Datasheet HTML 1Page - Micro Analog systems MAS6179 Datasheet HTML 2Page - Micro Analog systems MAS6179 Datasheet HTML 3Page - Micro Analog systems MAS6179 Datasheet HTML 4Page - Micro Analog systems MAS6179 Datasheet HTML 5Page - Micro Analog systems MAS6179 Datasheet HTML 6Page - Micro Analog systems MAS6179 Datasheet HTML 7Page - Micro Analog systems MAS6179 Datasheet HTML 8Page - Micro Analog systems MAS6179 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 (10)
DA6179.000
22 January, 2007
FREQUENCY SELECTION
The frequency selection and power down control is
accomplished via two digital control pins PDN1 and
PDN2. The control logic is presented in table 1.
Table 1. Frequency selection and power down control
PDN1
PDN2
RFI2 Switch
RFI3 Switch
Selected Crystal
Output
Description
High
High
Open
Open
-
Power down
High
Low
Open
Open
QO1
Frequency 1
Low
High
Closed
Open
QO2
Frequency 2, RFI2 capacitor
connected in parallel with antenna
Low
Low
Closed
Closed
QO3
Frequency 3, RFI2 and RFI3
capacitors connected in parallel
with antenna
The internal antenna tuning capacitor switches
(RFI2, RFI3) and crystal filter output switches (QO1,
QO2, QO3) are controlled according table 1.
If frequency 1 is selected the RFI2 and RFI3
switches are open and only crystal output QO1 is
active. Antenna frequency is determined by antenna
inductor LANT (see Typical Application on page 6),
antenna capacitor CANT1 and parasitic capacitances
related to antenna inputs RFIP, RFIM, RFI2 and
RFI3 (see Antenna Tuning Considerations below).
Frequency 1 is the highest frequency of the three
selected frequencies.
If frequency 2 is selected then RFI2 switch is closed
to connect CANT2 to pin RFIM in parallel with ferrite
antenna and tune it to frequency 2. Then only
crystal output QO2 is active. Frequency 2 is the
medium
frequency
of
the
three
selected
frequencies.
If frequency 3 is selected both RFI2 and RFI3
switches are closed to connect both CANT2 and CANT3
capacitors to RFIM pin in parallel with ferrite
antenna and tune it to frequency 3. Then only
crystal output QO3 is active. Frequency 3 is the
lowest frequency of the three selected frequencies.
It is recommended to switch the device to power
down for at least 50ms before switching to another
frequency. This guarantees fast startup in switching
to another frequency. During minimum 50ms power
down time the AGC capacitor voltage is completely
pulled to VDD and the proper fast startup conditions
are met. Without proper fast startup control the
startup time can be several minutes. With fast
startup it is shortened typically to few seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com