Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6179 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6179
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6179 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6179 Datasheet HTML 1Page - Micro Analog systems MAS6179 Datasheet HTML 2Page - Micro Analog systems MAS6179 Datasheet HTML 3Page - Micro Analog systems MAS6179 Datasheet HTML 4Page - Micro Analog systems MAS6179 Datasheet HTML 5Page - Micro Analog systems MAS6179 Datasheet HTML 6Page - Micro Analog systems MAS6179 Datasheet HTML 7Page - Micro Analog systems MAS6179 Datasheet HTML 8Page - Micro Analog systems MAS6179 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 (10)
DA6179.000
22 January, 2007
MAS6179
AM Receiver IC
Tri Band Receiver IC
High Sensitivity
Very Low Power Consumption
Wide Supply Voltage Range
Power Down Control
Control for AGC On
High Selectivity by Crystal Filter
Fast Startup Feature
DESCRIPTION
The MAS6179 AM-Receiver chip is a highly sensitive,
simple to use AM receiver specially intended to
receive time signals in the frequency range from 40
kHz to 100 kHz. Only a few external components are
required for time signal receiving. The circuit has
preamplifier, wide range automatic gain control,
demodulator and output comparator built in. The
output signal can be processed directly by an
additional digital circuitry to extract the data from the
received signal. The control for AGC (automatic gain
control) can be used to switch AGC on or off if
necessary. MAS6179 supports up to three frequency
band operation by switching between three crystal
filters and two additional antenna tuning capacitors.
MAS6179 has differential input and two internal
compensation capacitor options for compensating
shunt capacitances of different crystals (See ordering
information on page 10).
FEATURES
APPLICATIONS
Tri Band Receiver IC
Highly Sensitive AM Receiver, 0.4 µVRMS typ.
Wide Supply Voltage Range from 1.1 V to 3.6 V
Very Low Power Consumption
Power Down Control
Fast Startup
Only a Few External Components Necessary
Control for AGC On
Wide Frequency Range from 40 kHz to 100 kHz
High Selectivity by Quartz Crystal Filter
Differential Input
Multi Band Time Signal Receiver WWVB (USA),
JJY (Japan), DCF77 (Germany), MSF (UK), HBG
(Switzerland) and BPC (China)
BLOCK DIAGRAM
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIM
RFI2
VDD
VSS PDN1
AGC
DEC
OUT
QO3
QI
AON
QO1
QO2
RFI3
PDN2
RFIP
VDD
VDD
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS6179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116 MAS-MAS6116 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116AA1SA306 MAS-MAS6116AA1SA306 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116AA1SA308 MAS-MAS6116AA1SA308 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116EA1SA306 MAS-MAS6116EA1SA306 Datasheet
994Kb / 20P
Stereo Digital Volume Control
More results

Similar Description - MAS6179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com