Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8750LSEFL/R Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8750LSEFL/R
Description  Stereo CODEC for Portable Audio Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750LSEFL/R Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8750LSEFL/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Production Data
WM8750L
w
PD Rev 4.2 August 2005
41
In DSP/PCM mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A)
rising edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the frame pulse shown in Figure 21 and Figure
22. In device slave mode, Figure 23 and Figure 24, it is possible to use any length of frame pulse
less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period
before the rising edge of the next frame pulse.
Figure 21 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master)
Figure 22 DSP/PCM Mode Audio Interface (mode B, LRP=1, Master)
Figure 23 DSP/PCM Mode Audio Interface (mode A, LRP=0, Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com