Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8750LSEFL/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8750LSEFL/R
Description  Stereo CODEC for Portable Audio Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750LSEFL/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8750LSEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
WM8750L
Production Data
w
PD Rev 4.2 August 2005
10
HEADPHONE OUTPUT THD VERSUS POWER
Headphone Pow er vs THD+N (32Ohm load)
-100
-80
-60
-40
-20
0
0
5
10
15
20
25
30
Pow er (m W)
AVDD=1.8V
AVDD=1.8V, capless
AVDD=3.3V
AVDD=3.3V, capless
Headphone Pow er vs THD+N (16Ohm load)
-100
-80
-60
-40
-20
0
0
1020
3040
5060
Pow er (m W)
AVDD=1.8V
AVDD=1.8V, capless
AVDD=3.3V
AVDD=3.3V, capless



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com