Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C1001-12CTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # M27C1001-12CTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-12CTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M27C1001-12CTR Datasheet HTML 14Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 15Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 16Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 17Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 18Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 19Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 20Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 21Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
M27C1001
18/24
5
Package mechanical data
5.1
32-pin Ceramic Frit-seal DIP, with round window (FDIP32WA)
Figure 10.
FDIP32WA package outline
Table 12.
FDIP32WA package mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A5.72
0.225
A1
0.51
1.40
0.020
0.055
A2
3.91
4.57
0.154
0.180
A3
3.89
4.50
0.153
0.177
B
0.41
0.56
0.016
0.022
B1
1.45
0.057
C
0.23
0.30
0.009
0.012
D
41.73
42.04
1.643
1.655
D2
38.10
1.500
e
2.54
0.100
E
15.24
0.600
E1
13.06
13.36
0.514
0.526
eA
14.99
0.590
eB
16.18
18.03
0.637
0.710
L
3.18
4.10
0.125
0.161
N32
32
S
1.52
2.49
0.060
0.098
Ø
7.11
0.280
α
4°
11°
4°
11°
FDIPW-a
A3
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
α
eA
D2
∅
eB
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com