Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C1001-12CTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # M27C1001-12CTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-12CTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M27C1001-12CTR Datasheet HTML 16Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 17Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 18Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 19Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 20Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 21Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 22Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 23Page - STMicroelectronics M27C1001-12CTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part numbering
M27C1001
22/24
6
Part numbering
Table 16.
Ordering information scheme
For a list of available options (Speed, Package, etc...) or for further information on any
aspect of this device, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M27C1001
-35
X
C
1 TR
Device Type
M27
Supply Voltage
C = 5V
Device Function
1001 = 1 Mbit (128Kb x 8)
Speed
-35 (1) = 35 ns
-10 = 100 ns
1.
High Speed, see AC Characteristics section for further information.
-45 = 45 ns
-12 = 120 ns
-60 = 60 ns
-15 = 150 ns
-70 = 70 ns
-20 = 200 ns
-80 = 80 ns
-25 = 250 ns
-90 = 90 ns
VCC Tolerance
blank = ± 10%
X = ± 5%
Package
F = FDIP32W
C = PLCC32
B = PDIP32
N = TSOP32: 8 x 20 mm
Temperature Range
1 = 0 to 70 °C
3 = –40 to 125 °C
6 = –40 to 85 °C
Options
TR = ECOPACK® package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com