Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST36VF1602C Datasheet(PDF) 33 Page - Silicon Storage Technology, Inc

Part # SST36VF1602C
Description  16 Mbit (x8/x16) Dual-Bank Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1602C Datasheet(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST36VF1602C Datasheet HTML 26Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 27Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 28Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 29Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 30Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 31Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 32Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 33Page - Silicon Storage Technology, Inc SST36VF1602C Datasheet HTML 34Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Data Sheet
16 Mbit Dual-Bank Flash Memory
SST36VF1601C / SST36VF1602C
33
©2006 Silicon Storage Technology, Inc.
S71249-06-000
1/06
48-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) 12MM X 20MM
SST PACKAGE CODE: EK
1.05
0.95
0.70
0.50
18.50
18.30
20.20
19.80
0.70
0.50
12.20
11.80
0.27
0.17
0.15
0.05
48-tsop-EK-8
Note: 1. Complies with JEDEC publication 95 MO-142 DD dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
1.20
max.
1mm
0˚- 5˚
DETAIL
Pin # 1 Identifier
0.50
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com