Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD754202 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD754202
Description  MOS INTEGRATED CIRCUIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD754202 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD754202 Datasheet HTML 46Page - Renesas Technology Corp UPD754202 Datasheet HTML 47Page - Renesas Technology Corp UPD754202 Datasheet HTML 48Page - Renesas Technology Corp UPD754202 Datasheet HTML 49Page - Renesas Technology Corp UPD754202 Datasheet HTML 50Page - Renesas Technology Corp UPD754202 Datasheet HTML 51Page - Renesas Technology Corp UPD754202 Datasheet HTML 52Page - Renesas Technology Corp UPD754202 Datasheet HTML 53Page - Renesas Technology Corp UPD754202 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
µPD754202, 754202(A)
48
Data Sheet U12181EJ1V1DS
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 6.0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply currentNote 1
IDD1
4.19 MHz
VDD = 5.0 V
± 10 %Note 2
1.5
5.0
mA
Crystal resonator
VDD = 3.0 V
± 10 %Note 3
0.23
1.0
mA
IDD2
C1 = C2 = 22 pF
HALT
VDD = 5.0 V
± 10 %
0.64
3.0
mA
mode
VDD = 3.0 V
± 10 %
0.20
0.9
mA
IDD3
X1 = 0 V
VDD = 1.8 to 6.0 V
5
µA
STOP
TA = 25
°C1
µA
mode
VDD = 3.0 V
± 10 %
0.1
3
µA
TA = –40 to
0.1
1
µA
+40
°C
Notes 1. Does not include current fed to on-chip pull-up resistor.
2. When processor clock control register (PCC) is set to 0011, during high-speed mode.
3. When PCC is set to 0000, during low-speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com