Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4956 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 2Page - STMicroelectronics TS4956 Datasheet HTML 3Page - STMicroelectronics TS4956 Datasheet HTML 4Page - STMicroelectronics TS4956 Datasheet HTML 5Page - STMicroelectronics TS4956 Datasheet HTML 6Page - STMicroelectronics TS4956 Datasheet HTML 7Page - STMicroelectronics TS4956 Datasheet HTML 8Page - STMicroelectronics TS4956 Datasheet HTML 9Page - STMicroelectronics TS4956 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Typical application schematic
TS4956
6/51
In order to read data from the TS4956, after the “start” message, the MCU must send and
receive the following data:
●
send byte with the I²C 7-bit slave address and with the R/W bit set high
●
receive the data (control register value)
All bytes are read with MSB bit first. The transfer of read data is ended with “stop” message.
When transmitting several data, the data can be read with no need to repeat the “start”
message and the byte with slave address. In this case the value of control register is read
repeatedly.
Figure 3.
I²C read/write operation
Table 7.
Output mode selection: G from -34.5dB to + 12dB (by steps of 1.5dB)(1)
1.
SD = Shutdown Mode
G = Audio Gain
MIP = Mono Input Positive
MIN = Mono Input Negative
RIN = Stereo Input Right
LIN = Stereo Input Left
Output Mode #
RHP
LHP
Speaker P/N
Mono L/O
0SD
SDSD
SD
1SD
SD
Gx (MIP + MIN)
SD
2
SD
SD
GX (RIN + LIN)
SD
3
GX (MIP + MIN)
GX (MIP + MIN)
SD
SD
4G x RIN
G x LIN
SD
SD
5SD
SDSD
GX (MIP + MIN)
6SD
SDSD
GX (RIN + LIN)
7
BTL: G x RIN
BTL: G x RIN
G x LIN
SD
SDA
S1
0
1
1
1
0
A
1
0
D7 D6 D5 D4 D3
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
Acknowledge
from Slave
Acknowledge
from Slave
Stop condition
Volume Control
settings
Output
Mode settings
D2 D1 D0
SDA
S1
0
1
1
1
0
A
1
0
D7 D6 D5 D4 D3
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
R/W
Acknowledge
from Slave
Acknowledge
from Slave
Stop condition
Volume Control
settings
Output
Mode settings
D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com