Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4956 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 33Page - STMicroelectronics TS4956 Datasheet HTML 34Page - STMicroelectronics TS4956 Datasheet HTML 35Page - STMicroelectronics TS4956 Datasheet HTML 36Page - STMicroelectronics TS4956 Datasheet HTML 37Page - STMicroelectronics TS4956 Datasheet HTML 38Page - STMicroelectronics TS4956 Datasheet HTML 39Page - STMicroelectronics TS4956 Datasheet HTML 40Page - STMicroelectronics TS4956 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
TS4956
Application information
37/51
4.3
Power dissipation and efficiency
Hypotheses:
Voltage and current in the load are sinusoidal (Vout and Iout).
Supply voltage is a pure DC source (VCC).
Regarding the load we have:
and
and
4.3.1
Single-ended output configuration (modes 5 and 6)
The average current delivered by the supply voltage is:
Figure 126. Current delivered by supply voltage in the single-ended output configuration
The power delivered by supply voltage is:
So, the power dissipation by single-ended amplifier is
and the maximum value is obtained when:
V
out
V
PEAK
ωtV
()
sin
=
I
out
V
ou t
R
L
-----------A
()
=
P
ou t
V
PEAK
2
2R
L
----------------- A
()
=
Icc
AVG
1
2
π
------
V
PEAK
R
L
-----------------
t
()
sin
t
d
0
π
V
PEAK
πR
L
----------------- A
()
==
P
sup ply
V
CCICC
AV G
W
()
=
P
diss
P
su pp ly Pou t W
()
=
P
diss
2VCC
π R
L
-------------------P
out
P
out W
()
=
P
out
∂P
diss
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com