Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2504 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 14Page - SMSC Corporation USB2504_06 Datasheet HTML 15Page - SMSC Corporation USB2504_06 Datasheet HTML 16Page - SMSC Corporation USB2504_06 Datasheet HTML 17Page - SMSC Corporation USB2504_06 Datasheet HTML 18Page - SMSC Corporation USB2504_06 Datasheet HTML 19Page - SMSC Corporation USB2504_06 Datasheet HTML 20Page - SMSC Corporation USB2504_06 Datasheet HTML 21Page - SMSC Corporation USB2504_06 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
Revision 2.1 (12-06-06)
18
SMSC USB2504/USB2504A
DATASHEET
5.1.1.12
Non-Removable Device
Informs the Host if one of the active ports has a permanent device that is undetachable from the Hub.
(Note: The device must provide its own descriptor data.)
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the
internal default option, the NON_REM[1:0] pins will designate the appropriate ports as being non-
removable.
5.1.1.13
Self-Powered Port DISABLE
During Self-Powered operation, this selects the ports which will be permanently disabled, and are not
available to be enabled or enumerated by a Host Controller. The disabled ports must be contiguous,
and must be in decreasing order starting with port 4.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the
internal default option, the PRT_DIS[1:0] pins will disable the appropriate ports.
5.1.1.14
Bus-Powered Port DISABLE
During Bus-Powered operation, this selects the ports which will be permanently disabled, and are not
available to be enabled or enumerated by a Host Controller. The disabled ports must be contiguous,
and must be in decreasing order starting with port 4.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the
internal default option, the PRT_DIS[1:0] pins will disable the appropriate ports.
5.1.1.15
Dynamic Power
Controls the ability of the 4-Port Hub to automatically change from Self-Powered operation to Bus-
Powered operation if the local power source is removed or is unavailable (and from Bus-Powered to
Self-Powered if the local power source is restored). {Note: If the local power source is available, the
4-port Hub will always switch to Self-Powered operation.}
When Dynamic Power switching is enabled, the Hub detects the availability of a local power source
by monitoring the external SELF_PWR pin. If the Hub detects a change in power source availability,
the Hub immediately disconnects and removes power from all downstream devices and disconnects
the upstream port. The Hub will then re-attach to the upstream port as either a Bus-Powered Hub (if
local-power in unavailable) or a Self-Powered Hub (if local power is available).
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.16
Over-Current Timer
The time delay (in 2ms increments) for an over-current condition to persist before it is reported to the
Host.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.17
Self-Powered Max Power
When in Self-Powered configuration, Sets value in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.18
Bus-Powered Max Power
When in Bus-Powered configuration, Sets value in 2mA increments.
This field is set by the OEM using either the SMBus or EEPROM interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com