Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2504 Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 38Page - SMSC Corporation USB2504_06 Datasheet HTML 39Page - SMSC Corporation USB2504_06 Datasheet HTML 40Page - SMSC Corporation USB2504_06 Datasheet HTML 41Page - SMSC Corporation USB2504_06 Datasheet HTML 42Page - SMSC Corporation USB2504_06 Datasheet HTML 43Page - SMSC Corporation USB2504_06 Datasheet HTML 44Page - SMSC Corporation USB2504_06 Datasheet HTML 45Page - SMSC Corporation USB2504_06 Datasheet HTML 46Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
Revision 2.1 (12-06-06)
42
SMSC USB2504/USB2504A
DATASHEET
8.2
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Operating
Temperature
TA
070
°C
1.8V supply voltage
VDDA18PLL
VDD18
1.71
1.98
V
3.3V supply voltage
VDDA33
VDDA33PLL
VDD33
3.0
3.6
V
Voltage on any I/O pin
-0.3
5.5
V
If any 3.3V supply voltage drops
be lo w 3.0 V, th en th e MAX
becomes:
(3.3V supply voltage + 0.5)
Voltage on XTAL1
-0.3
VDDA33
V
Voltage on XTAL2
-0.3
VDD18
V
Table 8.1 DC Electrical Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I, IS Type Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis (‘IS’ Only)
VILI
VIHI
IIL
VHYSI
2.0
-10
250
300
0.8
+10
350
V
V
uA
mV
TTL Levels
VIN = 0 to VDD33
Input Buffer with Pull-Up
(IPU)
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
+26
-10
0.8
+72
+10
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33
Input Buffer with Pull-Down
IPD
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
+10
-22
0.8
-10
-82
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com