Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R2-25YLC Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN2R2-25YLC
Description  N-channel 25 V 2.4 mΩ logic level MOSFET in LFPAK using NextPower technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R2-25YLC Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN2R2-25YLC Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R2-25YLC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
PSMN2R2-25YLC
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 2 May 2011
2 of 15
Nexperia
PSMN2R2-25YLC
N-channel 25 V 2.4 m
Ω logic level MOSFET in LFPAK using NextPower
[1]
Continuous current is limited by package
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
% = placeholder for manufacturing site code.
Dynamic characteristics
QGD
gate-drain charge
VGS =4.5 V; ID =25A;
VDS =12V; see Figure 14;
see Figure 15
-5.2
-nC
QG(tot)
total gate charge
VGS =4.5 V; ID =25A;
VDS =12V; see Figure 15;
see Figure 14
-18
-nC
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK;
Power-SO8)
2S
source
3S
source
4
G
gate
mb
D
mounting base;
connected to drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN2R2-25YLC
LFPAK; Power-SO8
plastic single-ended surface-mounted package; 4 leads SOT669
Table 4.
Marking codes
Type number
Marking code[1]
PSMN2R2-25YLC
2C225L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com