Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R2-40YSD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN2R2-40YSD
Description  N-channel 40 V, 2.2 mΩ, 180 A standard level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R2-40YSD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R2-40YSD Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
PSMN2R2-40YSD
N-channel 40 V, 2.2 mΩ, 180 A standard level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus
technology
aaa-030114
0
1
2
3
4
5
6
7
8
0
70
140
210
280
350
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
VDS = 8 V
Fig. 9. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
aaa-030115
0
50
100
150
200
250
300
350
0
2
4
6
8
10
ID (A)
RDSon
RDSon
(mΩ)
(mΩ)
4.5 V
4.5 V
5 V
5 V
5.5 V
5.5 V
8 V
8 V
VGS = 10 V
VGS = 10 V
Tj = 25 °C
Fig. 10. Drain-source on-state resistance as a function
of drain current; typical values
aaa-028641
-60
-30
0
30
60
90
120 150 180
0
0.4
0.8
1.2
1.6
2
Tj (°C)
aa
Fig. 11. Normalized drain-source on-state resistance
factor as a function of junction temperature
aaa-030116
0
10
20
30
40
50
60
0
2
4
6
8
10
QG (nC)
VGS
VGS
(V)
(V)
20 V
20 V
VDS = 8 V
VDS = 8 V
32 V
32 V
Tj = 25 °C; ID = 25 A
Fig. 12. Gate-source voltage as a function of gate
charge; typical values
PSMN2R2-40YSD
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
25 September 2019
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com