Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R2-40YSD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN2R2-40YSD
Description  N-channel 40 V, 2.2 mΩ, 180 A standard level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R2-40YSD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN2R2-40YSD Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
PSMN2R2-40YSD
N-channel 40 V, 2.2 mΩ, 180 A standard level MOSFET in LFPAK56 using NextPower-S3 Schottky-Plus
technology
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dynamic characteristics
QGD
gate-drain charge
1.8
6.1
12
nC
QG(tot)
total gate charge
ID = 25 A; VDS = 20 V; VGS = 10 V;
Fig. 12; Fig. 13
29
45
63
nC
[1] 180A Continuous current has been successfully demonstrated during application tests. Practically the current will be limited by PCB,
thermal design and operating temperature.
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected
to drain
mb
1 2 3 4
LFPAK56; Power-
SO8 (SOT669)
S
D
G
mbb076
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSMN2R2-40YSD
LFPAK56;
Power-SO8
plastic, single-ended surface-mounted package; 4 terminals
SOT669
7. Marking
Table 4. Marking codes
Type number
Marking code
PSMN2R2-40YSD
2D2S40Y
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
40
V
VDSM
peak drain-source
voltage
tp ≤ 20 ns; f ≤ 500 kHz; EDS(AL) ≤ 200 nJ;
pulsed
-
45
V
VDGR
drain-gate voltage
25 °C ≤ Tj ≤ 175 °C; RGS = 20 kΩ
-
40
V
VGS
gate-source voltage
-20
20
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
166
W
VGS = 10 V; Tmb = 25 °C; Fig. 2
[1]
-
180
A
ID
drain current
VGS = 10 V; Tmb = 100 °C; Fig. 2
-
140
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb = 25 °C; Fig. 3
-
789
A
PSMN2R2-40YSD
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
25 September 2019
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com