Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R3-80SSF Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PSMN2R3-80SSF
Description  NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R3-80SSF Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PSMN2R3-80SSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
PSMN2R3-80SSF
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
Symbol
Parameter
Conditions
Min
Max
Unit
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering
temperature
-
260
°C
Source-drain diode
IS
source current
Tmb = 25 °C
-
240
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
1038
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche energy
ID = 78 A; Vsup ≤ 80 V; RGS = 50 Ω;
VGS = 10 V; Tj(init) = 25 °C; unclamped;
tp = 163 µs; Fig. 4
[1]
-
663
mJ
IAS
non-repetitive avalanche
current
Vsup ≤ 100 V; VGS = 10 V; Tj(init) = 25 °C;
RGS = 50 Ω; Fig. 4
[1]
-
78
A
[1] Protected by 100% test
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of mounting base temperature
aaa-035321
0
25
50
75
100 125 150 175 200
0
50
100
150
200
250
300
Tmb (°C)
ID
ID
(A)
(A)
VGS ≥ 10 V
(1) 240 A continuous current has been successfully
demonstrated during application tests. Practically
the current will be limited by PCB, thermal design
and operating temperature.
Fig. 2. Continuous drain current as a function of
mounting base temperature
PSMN2R3-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Preliminary data sheet
22 August 2022
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com