Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R3-80SSF Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PSMN2R3-80SSF
Description  NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R3-80SSF Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R3-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Nexperia
PSMN2R3-80SSF
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
aaa-035327
0
50
100 150 200 250 300 350 400
0
2
4
6
8
ID (A)
RDSon
RDSon
(mΩ)
(mΩ)
5 V
5 V
5.5 V
5.5 V
6 V
6 V
7 V
7 V
VGS = 10 V
VGS = 10 V
Tj = 25 °C
Fig. 12. Drain-source on-state resistance as a function
of drain current; typical values
aaa-033260
-60
-30
0
30
60
90
120 150 180
0
0.6
1.2
1.8
2.4
Tj (°C)
aa
Fig. 13. Normalized drain-source on-state resistance
factor as a function of junction temperature
aaa-035328
0
20
40
60
80
100
120
140
0
2
4
6
8
10
QG (nC)
VGS
VGS
(V)
(V)
40 V
40 V
VDS = 16 V
VDS = 16 V
64 V
64 V
Tj = 25 °C; ID = 25 A
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. Gate charge waveform definitions
PSMN2R3-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Preliminary data sheet
22 August 2022
8 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com