Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R8-80SSF Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PSMN2R8-80SSF
Description  NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R8-80SSF Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PSMN2R8-80SSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nexperia
PSMN2R8-80SSF
NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
Symbol
Parameter
Conditions
Min
Max
Unit
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering
temperature
-
260
°C
Source-drain diode
IS
source current
Tmb = 25 °C
-
190
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
760
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche energy
ID = 67 A; Vsup ≤ 80 V; RGS = 50 Ω;
VGS = 10 V; Tj(init) = 25 °C; unclamped;
tp = 147 µs
[1]
-
513
mJ
IAS
non-repetitive avalanche
current
Vsup ≤ 80 V; VGS = 10 V; Tj(init) = 25 °C;
RGS = 50 Ω
[1]
-
67
A
[1] Protected by 100% test
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a function of mounting base temperature
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from
junction to mounting
base
-
[tbd]
0.44
K/W
Fig. 2
-
35
-
K/W
Rth(j-a)
thermal resistance from
junction to ambient
Fig. 3
-
70
-
K/W
PSMN2R8-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Objective data sheet
23 June 2022
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com