Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R8-80SSF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSMN2R8-80SSF
Description  NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R8-80SSF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSMN2R8-80SSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Nexperia
PSMN2R8-80SSF
NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
aaa-029383
Copper square 25.4 mm square; 70 μm thick on
FR4 board
Fig. 2. PCB layout for thermal resistance from junction
to ambient
aaa-029384
70 μm thick copper on FR4 board
Fig. 3. PCB layout with minimum footprint for thermal
resistance from junction to ambient
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 250 µA; VGS = 0 V; Tj = 25 °C
80
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = -55 °C
72
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C
2
3
4
V
ID = 1 mA; VDS = VGS; Tj = -55 °C
-
3.5
-
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = 175 °C
-
1.6
-
V
ΔVGS(th)/ΔT
gate-source threshold
voltage variation with
temperature
25 °C ≤ Tj ≤ 150 °C
-
[tbd]
-
mV/K
VDS = 80 V; VGS = 0 V; Tj = 25 °C
-
0.06
25
µA
IDSS
drain leakage current
VDS = 80 V; VGS = 0 V; Tj = 125 °C
-
-
100
µA
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
0.7
100
nA
IGSS
gate leakage current
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
0.7
100
nA
VGS = 10 V; ID = 25 A; Tj = 25 °C
-
2.2
2.8
mΩ
VGS = 7 V; ID = 25 A; Tj = 25 °C
-
2.7
4.2
mΩ
VGS = 10 V; ID = 25 A; Tj = 100 °C
-
3.5
4.5
mΩ
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 175 °C
-
5
6.5
mΩ
RG
gate resistance
f = 1 MHz; Tj = 25 °C
[tbd]
1
[tbd]
Ω
Dynamic characteristics
ID = 25 A; VDS = 40 V; VGS = 10 V;
Fig. 4
[tbd]
103
[tbd]
nC
QG(tot)
total gate charge
ID = 0 A; VDS = 0 V; VGS = 10 V; Fig. 4
-
54
-
nC
QGS
gate-source charge
[tbd]
32
[tbd]
nC
QGS(th)
pre-threshold gate-
source charge
-
21.2
-
nC
QGS(th-pl)
post-threshold gate-
source charge
-
10.8
-
nC
QGD
gate-drain charge
ID = 25 A; VDS = 40 V; VGS = 10 V;
Fig. 4
[tbd]
19.6
[tbd]
nC
PSMN2R8-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Objective data sheet
23 June 2022
4 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com