Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT6310A/AH Datasheet(PDF) 52 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 52 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 46Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 47Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 48Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 49Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 50Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 51Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 52Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 53Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 54Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
52
Tape and Reel Packing
Step
Photo / Description
Step
Photo / Description
1
4
Reel 7”
3 reels per inner box Box A
2
5
HIC & Desiccant (1 Unit) inside
12 inner boxes per outer box
3
6
Caution label is on backside of Al bag
Outer box Carton A
Container
Package
Reel
Box
Carton
Size Units
Item
Size(cm)
Weight(Kg)
Reels
Units
Item
Size(cm)
Boxes
Unit
QFN & DFN 3x3
7”
1,500
Box A
18.3*18.3*8.0
0.1
3
4,500
Carton A
38.3*27.2*38.3
12
54,000
Box E
18.6*18.6*3.5
0.03
1
1,500
For Combined or Un-full Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com