Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT6310A/AH Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 23Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 24Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 25Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 26Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 27Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 28Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 29Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 30Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
27
Electrical Characteristics
(VIN = 12V. The typical values are referenced to TA = TJ = 25C. Both minimum and maximum values are referenced to TA = TJ
from
−10C to 105C. Unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
Input Voltage Range
VIN
RT6310A/AH/B/BH/D/DH
4.5
--
23
V
RT6310C/CH
5.2
--
23
Supply Current
Supply Current
(Shutdown)
ISHDN
RT6310A/AH/D/DH : VEN/MODE = 0V
--
5
--
A
RT6310B/C and RT6310BH/CH :
VEN/MODE = 0V
--
45
--
Supply Current
(Quiescent)
IQ
RT6310A/AH/D/DH :
VEN/MODE = 5V (diode emulation mode),
VOUT = VSET x 105%, not switching
70
85
115
A
RT6310B/BH :
VEN/MODE = 5V (diode emulation mode),
VOUT = VSET x 105%, not switching
RT6310C/CH :
VEN/MODE = 5V (diode emulation mode),
VFF = 1.7 x 105%, not switching
75
95
130
A
UVLO
UVLO Rising Threshold
VUVLO_Rising
RT6310A/AH/B/BH/D/DH
3.8
4.1
4.4
V
RT6310C/CH
4.1
4.4
4.7
UVLO Hysteresis
VHYS
--
0.3
--
V
Enable/Mode Logic Threshold and Timing
EN/MODE Input High
Voltage
VEN/MODE_H
400
635
880
mV
EN/MODE Input Low
Voltage
VEN/MODE_L
230
500
800
mV
EN/MODE Input Current
IEN/MODE
VEN/MODE = 0.1V
0
2
4
A
Ultrasonic Mode
VEN/MODE
RT6310A/AH/B/BH/C/CH
0.88
--
1.7
V
Diode Emulation Mode
VEN/MODE
RT6310A/AH/B/BH/C/CH
2.3
--
--
V
RT6310D/DH
0.88
--
--
Output Voltage
Output Voltage Set Point
VOUT
RT6310B/BH
TA = TJ = 25C, CCM
3.267
3.3
3.333
V
RT6310C/CH
5.049
5.1
5.151
VCC Regulator Voltage
VCC
--
5
--
V
Feedback Reference
Feedback Reference
Voltage
VREF
RT6310A/AH/D/DH : TA = TJ = 25C,
CCM
0.594
0.6
0.606
V
Feedback Input Current
IFB
RT6310A/AH/D/DH : VFB = 4V
−100
--
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com