| Electronic Components Datasheet Search |
|
IMX8XLB0IEC Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8XLB0IEC Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 112 page ![]() • Prevention of the device from booting • Irreversible damage to the processor 3.2.1 Power-up sequence The device has the following power-up sequence requirements: • Supply group 0 (SNVS) must be powered first. The supply on the 1p8v cap after the LDO needs to be above minimum supply before this can be considered active. It is expected that group 0 will typically remain always on after the first power- on. If its wished to power off this supply then it needs to be entirely powered off before a reset. Refer to the Power-down sequence . • Supply group 1 (MAIN, VDD_ANA0_1P8 and VDD_ANA1_1P8) and group 0 must both be powered to their nominal values prior to boot. They must power up after or simultaneously with group 0. • Supply group 2 (MEMC, I/O’s and DDR interface) consists of those modules required to start the boot process by accessing external storage devices. These must be fully powered prior to POR release if booting from any device. For 8XLite, the DB is in VDD_MEMC so nothing can boot without it. They must power up after or simultaneously with group 1. • Supply group 3 consists of the remaining portions of the SoC. This includes nonboot I/O voltages and supplies for the major computational units. These can be sequenced in any order and as required to perform the desired functions for the intended application. They must power up after or simultaneously with group 2. Note The definition of "power-up" refers to a stable voltage operating within the range defined in Table 5. This should be taken into consideration, along with the different capacitive loading on each rail, if considering simultaneous switch-on of the different supply groups. 3.2.2 Power-down sequence The device processor has the following power-down sequence requirements: Electrical characteristics i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023 21 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |