Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS302ALB Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS302ALB
Description  MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALB Datasheet(HTML) 1 Page - STMicroelectronics

  LIS302ALB Datasheet HTML 1Page - STMicroelectronics LIS302ALB Datasheet HTML 2Page - STMicroelectronics LIS302ALB Datasheet HTML 3Page - STMicroelectronics LIS302ALB Datasheet HTML 4Page - STMicroelectronics LIS302ALB Datasheet HTML 5Page - STMicroelectronics LIS302ALB Datasheet HTML 6Page - STMicroelectronics LIS302ALB Datasheet HTML 7Page - STMicroelectronics LIS302ALB Datasheet HTML 8Page - STMicroelectronics LIS302ALB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2006
Rev 1
1/17
17
LIS302ALB
MEMS motion sensor
3-axis - ±2g analog output "piccolo" accelerometer
Features
■ 3.0V to 3.6V supply voltage
■ ~2mW power consumption
■ ±2g full-scale
■ 3 acceleration channels plus multiplexed
analog output
■ Ratiometric output voltage
■ Power down mode
■ Embedded self test
■ 10000g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see Section 6)
Description
The LIS302ALB is a miniaturized low-power
three-axis linear accelerometer. It includes a
sensing element and an IC interface to provide an
analog signal to the external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce motion
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows to design a dedicated circuit
which is trimmed to better match the sensing
element characteristics. The device can be
operated from 2.16V to 3.6V.
The LIS302ALB has a full scale of ±2g and it is
capable of measuring accelerations over a
maximum bandwidth of 2.0kHz. The device
bandwidth may be reduced by using external
capacitances. A self-test capability allows the
user to check the functioning of the sensor in the
final application.
The device has three analog acceleration output
plus an embedded multiplexer that allows to
redirect the analog outputs onto a single pin for
operation with a single channel A/D converter.
The LIS302ALB is available in plastic Thin Land
Grid Array package (TLGA) and it is guaranteed
to operate over an extended temperature range
from -40°C to +85°C.
The LIS302ALB belongs to a family of products
suitable for a variety of applications:
– Mobile terminals
– Gaming and Virtual Reality input devices
– Free-fall detection for data protection
– Antitheft systems and Inertial Navigation
– Appliance and Robotics.
Order codes
Note:
Tape & reel parts are compliant to International Standard EIA-481.
LGA-14 (3x5x0.9mm)
Part number
Temperature range,
°CPackage
Packing
LIS302ALB
-40°C to +85°C
LGA-14
Tray
LIS302ALBTR
-40°C to +85°C
LGA-14
Tape & reel
www.st.com


Similar Part No. - LIS302ALB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALKTR STMICROELECTRONICS-LIS302ALKTR Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
More results

Similar Description - LIS302ALB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - ±2g analog output -piccolo- accelerometer
05-Mar-2008
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com