Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS302ALB Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS302ALB
Description  MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALB Datasheet(HTML) 3 Page - STMicroelectronics

  LIS302ALB Datasheet HTML 1Page - STMicroelectronics LIS302ALB Datasheet HTML 2Page - STMicroelectronics LIS302ALB Datasheet HTML 3Page - STMicroelectronics LIS302ALB Datasheet HTML 4Page - STMicroelectronics LIS302ALB Datasheet HTML 5Page - STMicroelectronics LIS302ALB Datasheet HTML 6Page - STMicroelectronics LIS302ALB Datasheet HTML 7Page - STMicroelectronics LIS302ALB Datasheet HTML 8Page - STMicroelectronics LIS302ALB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LIS302ALB
Block diagram
3/17
1
Block diagram
Figure 1.
Block diagram
1.1
Pin description
Figure 2.
Pin connection
S/H
S/H
Routx
Routz
REFERENCE
TRIMMING CIRCUIT
CLOCK
S/H
Routy
CHARGE
AMPLIFIER
MUX
DEMUX
Voutx
Voutz
Vouty
Aux_in
Vout
S1 S0
MUX
Y+
Z+
Y-
Z-
X+
X-
a
SELF TEST
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
(BOTTOM VIEW)
1
6
13
8
res
res
S0
S1
ST
PD
Vouty
Voutz
GND
Vout
Aux_in
Vdd
res
Y
1
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com