Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7808ABP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7808ABP
Description  Precision 1A regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808ABP Datasheet(HTML) 1 Page - STMicroelectronics

  L7808ABP Datasheet HTML 1Page - STMicroelectronics L7808ABP Datasheet HTML 2Page - STMicroelectronics L7808ABP Datasheet HTML 3Page - STMicroelectronics L7808ABP Datasheet HTML 4Page - STMicroelectronics L7808ABP Datasheet HTML 5Page - STMicroelectronics L7808ABP Datasheet HTML 6Page - STMicroelectronics L7808ABP Datasheet HTML 7Page - STMicroelectronics L7808ABP Datasheet HTML 8Page - STMicroelectronics L7808ABP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
January 2007
Rev. 11
1/28
28
L7800AB/AC series
Precision 1A regulators
Feature summary
■ Output current in excess of 1A
■ Output voltages of 5; 6; 8; 9; 12; 15; 18; 20; 24V
■ Thermal overload protection
■ Output transition SOA protection
■ 2% Output voltage tolerance
■ Guaranteed in extended temperature range
Description
The L7800A series of three terminal positive
regulators is available in TO-220, TO-220FP, and
D2PAK packages and several fixed output
voltages, making it useful in a wide range of
applications. These regulators can provide local
on-card regulation, eliminating the distribution
problem associated with single point regulation.
Each type employs internal current limiting,
thermal shut-down and safe area protection,
making it essentially indestructible. If adequate
heat sinking is provided, they can
deliver over 1A output current, Although designed
primarily as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable voltage and currents.
TO-220FP
D2PAK
TO-220
www.st.com
Schematic diagram


Similar Part No. - L7808ABP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7808AB STMICROELECTRONICS-L7808AB Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7808AB STMICROELECTRONICS-L7808AB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7808AB STMICROELECTRONICS-L7808AB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7808AB STMICROELECTRONICS-L7808AB Datasheet
1Mb / 56P
Positive voltage regulators
08-Sep-2010
L7808AB STMICROELECTRONICS-L7808AB Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
More results

Similar Description - L7808ABP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
1A Positive Voltage Regulators
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
1A Positive Voltage Regulators
VER 1.3
ACE1117 ACE-ACE1117_12 Datasheet
395Kb / 8P
1A Positive Voltage Regulators
VER 1.4
logo
Rohm
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
1A Output 78 series Regulators 1A Output 78 series Regulators
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
1A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com