Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7808ABP Datasheet(PDF) 4 Page - STMicroelectronics

Part # L7808ABP
Description  Precision 1A regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808ABP Datasheet(HTML) 4 Page - STMicroelectronics

  L7808ABP Datasheet HTML 1Page - STMicroelectronics L7808ABP Datasheet HTML 2Page - STMicroelectronics L7808ABP Datasheet HTML 3Page - STMicroelectronics L7808ABP Datasheet HTML 4Page - STMicroelectronics L7808ABP Datasheet HTML 5Page - STMicroelectronics L7808ABP Datasheet HTML 6Page - STMicroelectronics L7808ABP Datasheet HTML 7Page - STMicroelectronics L7808ABP Datasheet HTML 8Page - STMicroelectronics L7808ABP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Maximum ratings
L7800AB/AC series
4/28
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L7800AC
0 to 150
°C
for L7800AB
-40 to 125
Table 2.
Thermal Data
Symbol
Parameter
TO-220
TO-220FP
D2PAK
Unit
RthJC
Thermal resistance junction-case
3
5
3
°C/W
RthJA
Thermal resistance junction-ambient
50
60
62.5
°C/W
Figure 3.
Application circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com