Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF9200LSR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF9200LSR3
Description  880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9200LSR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF9200LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF9200LR3 MRF9200LSR3
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
−80
−20
1
100
−50
−60
10
−40
−30
−70
7th Order
VDD = 26 Vdc, IDQ = 1800 mA
f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements
5th Order
3rd Order
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
−60
−10
0.1
7th Order
TWO−TONE SPACING (MHz)
VDD = 26 Vdc, Pout = 200 W (PEP), IDQ = 1800 mA
Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 880 MHz
5th Order
3rd Order
−20
−30
−40
−50
1
Figure 9. Pulse CW Output Power versus
Input Power
41
60
33
P3dB = 54.25 dBm (266 W)
Pin, INPUT POWER (dBm)
VDD = 26 Vdc, IDQ = 1800 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 880 MHz
58
54
52
50
48
35
39
37
Actual
Ideal
P1dB = 53.1 dBm (204.1 W)
56
31
Figure 10. Single-Carrier N-CDMA ACPR, ALT1, Power
Gain and Drain Efficiency versus Output Power
0
−100
Pout, OUTPUT POWER (WATTS) AVG.
50
0
40
−20
30
20
−40
10
−80
1
10
100
−60
VDD = 26 Vdc, IDQ = 1800 mA, f = 880 MHz
N−CDMA IS−95 Pilot, Sync, Paging, Traffic Codes 8 Through 13
ηD
Gps
ACPR
ALT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com