Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF9200LSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF9200LSR3
Description  880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9200LSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF9200LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF9200LR3 MRF9200LSR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
350
8
20
3
0
60
Pout, OUTPUT POWER (WATTS) CW
Figure 11. Power Gain and Drain Efficiency
versus CW Output Power
100
10
18
16
10
50
40
30
20
10
Gps
ηD
14
12
VDD = 26 Vdc
IDQ = 1800 mA
f = 880 MHz
400
8
20
1
−60
60
Pout, OUTPUT POWER (WATTS) PEP
Figure 12. Power Gain, Efficiency and IMD
versus Output Power
100
10
18
16
10
20
0
−20
−40
Gps
ηD
14
12
40
IMD
VDD = 26 Vdc, IDQ = 1800 mA
f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements, 100 kHz Tone Spacing
Figure 13. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 28 V
250
14
19
0
200
50
16
15
100
150
17
18
26 V
IDQ = 1800 mA
f = 880 MHz
24 V
20 V
16 V
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com