Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGP3NB60HDFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP3NB60HDFP
Description  N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP3NB60HDFP Datasheet(HTML) 1 Page - STMicroelectronics

  STGP3NB60HDFP Datasheet HTML 1Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 2Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 3Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 4Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 5Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 6Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 7Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 8Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2003
STGP3NB60HD - STGP3NB60HDFP
STGB3NB60HD
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK
PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN)
s
LOW GATE CHARGE
s
HIGH FREQUENCY OPERATION
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
CO-PACKAGED WITH TURBOSWITCH™
ANTIPARALLEL DIODE
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding perfomances.
The suffix "H" identifies a family optimized for high
frequency applications (up to 50kHz)in order to
achieve very high switching performances (reduced
tfall) mantaining a low voltage drop.
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS and PFC IN BOTH HARD SWITCH AND
RESONANT TOPOLOGIES
ORDERING INFORMATION
TYPE
VCES
VCE(sat) (Max)
@25°C
IC(#)
@100°C
STGB3NB60HD
STGP3NB60HD
STGP3NB60HDFP
600 V
600 V
600 V
< 2.8 V
< 2.8 V
< 2.8 V
6A
6A
6A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGB3NB60HDT4
GB3NB60HD
D2PAK
TAPE & REEL
STGP3NB60HD
GP3NB60HD
TO-220
TUBE
STGP3NB60HDFP
GP3NB60HDFP
TO-220FP
TUBE
D2PAK
1
3
1
2
3
1
2
3
TO-220FP
TO-220
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGP3NB60HDFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60HDFP STMICROELECTRONICS-STGP3NB60HDFP Datasheet
104Kb / 9P
N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
More results

Similar Description - STGP3NB60HDFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
Mar-2004
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
31-Jul-2006
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
28-Apr-2006
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
15-May-2006
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com