Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGP3NB60HDFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP3NB60HDFP
Description  N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP3NB60HDFP Datasheet(HTML) 3 Page - STMicroelectronics

  STGP3NB60HDFP Datasheet HTML 1Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 2Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 3Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 4Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 5Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 6Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 7Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 8Page - STMicroelectronics STGP3NB60HDFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STGP3NB60HD - STGP3NB60HDFP - STGB3NB60HD
ELECTRICAL CHARACTERISTICS (CONTINUED)
DYNAMIC
SWITCHING ON
SWITCHING OFF
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by max. junction temperature.
(**)Losses include Also the Tail (Jedec Standardization)
COLLECTOR-EMITTER DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE =25V , IC =3 A
2.4
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE = 25V,f= 1MHz,VGE = 0
235
33
6.6
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480V, IC =3A,
VGE =15V
21
6
7.6
27
nC
nC
nC
ICL
Latching Current
Vclamp = 480 V , Tj = 125°C
RG =10 Ω
12
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VCC =480 V, IC =3 A
RG =10Ω ,VGE =15V
5
11
ns
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC = 3ARG=10Ω
VGE = 15 V,Tj = 125°C
400
77
A/µs
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc = 480 V, IC =3 A,
RGE =10 Ω ,VGE =15 V
76
ns
tr(Voff)
Off Voltage Rise Time
36
ns
td(off)
Delay Time
53
ns
tf
Fall Time
77
ns
Eoff(**)
Turn-off Switching Loss
33
µJ
Ets
Total Switching Loss
110
µJ
tc
Cross-over Time
Vcc = 480 V, IC =3 A,
RGE =10 Ω ,VGE =15 V
Tj = 125 °C
180
ns
tr(Voff)
Off Voltage Rise Time
82
ns
td(off)
Delay Time
58
ns
tf
Fall Time
110
ns
Eoff(**)
Turn-off Switching Loss
88
µJ
Ets
Total Switching Loss
165
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
If
Ifm
Forward Current
Forward Current pulsed
3
24
A
A
Vf
Forward On-Voltage
If =3A
If =3A,Tj= 125 °C
1.6
1.4
2.0
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If =3A ,VR =35 V,
Tj =125°C, di/dt = 100 A/
µs
45
70
2.7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com