Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF6NC60HD Datasheet(PDF) 7 Page - STMicroelectronics

Part # GF6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF6NC60HD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GF6NC60HD Datasheet HTML 3Page - STMicroelectronics GF6NC60HD Datasheet HTML 4Page - STMicroelectronics GF6NC60HD Datasheet HTML 5Page - STMicroelectronics GF6NC60HD Datasheet HTML 6Page - STMicroelectronics GF6NC60HD Datasheet HTML 7Page - STMicroelectronics GF6NC60HD Datasheet HTML 8Page - STMicroelectronics GF6NC60HD Datasheet HTML 9Page - STMicroelectronics GF6NC60HD Datasheet HTML 10Page - STMicroelectronics GF6NC60HD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STGB6NC60HD - STGP6NC60HD - STGF6NC60HD
Electrical characteristics
7/17
2.1
Electrical characteristics (curves)
Figure 1.
Output characterisics
Figure 2.
Transfer characteristics
Figure 3.
Transconductance
Figure 4.
Collector-emitter on voltage vs
temperature
Figure 5.
Gate charge vs gate-source voltage Figure 6.
Capacitance variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com