Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF6NC60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # GF6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF6NC60HD Datasheet(HTML) 1 Page - STMicroelectronics

  GF6NC60HD Datasheet HTML 1Page - STMicroelectronics GF6NC60HD Datasheet HTML 2Page - STMicroelectronics GF6NC60HD Datasheet HTML 3Page - STMicroelectronics GF6NC60HD Datasheet HTML 4Page - STMicroelectronics GF6NC60HD Datasheet HTML 5Page - STMicroelectronics GF6NC60HD Datasheet HTML 6Page - STMicroelectronics GF6NC60HD Datasheet HTML 7Page - STMicroelectronics GF6NC60HD Datasheet HTML 8Page - STMicroelectronics GF6NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 3
1/17
17
STGB6NC60HD
STGF6NC60HD - STGP6NC60HD
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP
Very fast PowerMESH™ IGBT
General features
■ Low on voltage drop (Vcesat)
■ Low CRES / CIES ratio (no cross-conduction
susceptibility)
■ Very soft ultra fast recovery antiparallel diode
■ High frequency operation
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advaced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “H” identifies a family
optimized for high frequency application in order
to achieve very high switching performances
(reduced tfall) mantaining a low voltage drop.
Applications
■ High frequency inverters
■ SMPS and PFC in both hard switch and
resonant topologies
■ Motor drivers
Internal schematic diagram
Type
VCES
VCE(sat)max
@25°C
IC
@100°C
STGB6NC60HD
STGP6NC60HD
STGF6NC60HD
600V
600V
600V
<2.5V
<2.5V
<2.5V
7A
7A
3A
1
2
3
TO-220FP
TO-220
1
2
3
1
3
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STGB6NC60HDT4
GB6NC60HD
D²PAK
Tape & reel
STGP6NC60HD
GP6NC60HD
TO-220
Tube
STGF6NC60HD
GF6NC60HD
TO-220FP
Tube


Similar Part No. - GF6NC60HD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GF6N65TD LUGUANG-GF6N65TD Datasheet
1Mb / 6P
650V/6A Tench Fiel Stop IGBT
Revision:202010121-P1
More results

Similar Description - GF6NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
Jun-2003
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
27-Jul-2006
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
02-Sep-2004
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
05-Jan-2007
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com