Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGWT60H65DFB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 5 Page - STMicroelectronics

  STGWT60H65DFB Datasheet HTML 1Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 2Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 3Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 4Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 5Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 6Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Output characteristics (TJ = 25 °C)
GIPD230820131147FSR
200
160
120
80
40
0
0
1
2
3
4
IC
(A)
VCE (V)
VGS =13,15V
VGS =11V
VGS =9V
Figure 2. Output characteristics (TJ = 175 °C)
GIPD230820131205FSR
200
160
120
80
40
0
0
1
2
3
4
I C
(A)
V CE (V)
VGS =13, 15V
VGS =11V
VGS =9V
VGS =7V
Figure 3. Transfer characteristics
GIPD270820131335FSR
200
160
120
80
40
0
5
6
7
8
9
10
IC
(A)
VGE (V)
VCE =6V
TJ =175°C
TJ =25°C
Figure 4. Collector current vs case temperature
IC
60
40
20
0
0
50
TC(°C)
75
(A)
25
100
80
125 150
VGE =15V, TJ =175°C
GIPD270820131347FSR
Figure 5. Power dissipation vs case temperature
Ptot
300
200
100
0
0
50
TC(°C)
75
(W)
25
100 125 150
VGE =15V, TJ =175°C
GIPD270820131401FSR
Figure 6. VCE(sat) vs junction temperature
VCE(sat)
1.8
1.6
1.4
1.2
-50
Tj(°C)
(V)
100
2.0
0
50
2.2
150
2.4
2.6
VGE=15V
IC=120A
IC=60A
IC=30A
GIPD021020131457FSR
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics (curves)
DS9535 - Rev 8
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com