Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGWT60H65DFB Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGWT60H65DFB
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT60H65DFB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGWT60H65DFB Datasheet HTML 7Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 8Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 9Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 10Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 11Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 12Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 13Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 14Page - STMicroelectronics STGWT60H65DFB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Package information
DS9535 - Rev 8
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com