Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBV32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBV32
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV32 Datasheet(HTML) 1 Page - STMicroelectronics

  STBV32 Datasheet HTML 1Page - STMicroelectronics STBV32 Datasheet HTML 2Page - STMicroelectronics STBV32 Datasheet HTML 3Page - STMicroelectronics STBV32 Datasheet HTML 4Page - STMicroelectronics STBV32 Datasheet HTML 5Page - STMicroelectronics STBV32 Datasheet HTML 6Page - STMicroelectronics STBV32 Datasheet HTML 7Page - STMicroelectronics STBV32 Datasheet HTML 8Page - STMicroelectronics STBV32 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2005
n
HIGH VOLTAGE CAPABILITY
n
LOW SPREAD OF DYNAMIC PARAMETERS
n
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
n
VERY HIGH SWITCHING SPEED
APPLICATIONS
n
COMPACT FLUORESCENT LAMPS (CFLS)
DESCRIPTION
The device is manufactured using High Voltage
Multi Epitaxial Planar technology for high
switching speeds and high voltage capability. It
uses a Cellular Emitter structure with planar edge
termination to enhance switching speeds while
maintaining the wide RBSOA.
The STBV series is designed for use in Compact
Fluorescent Lamps.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 1: Order Codes
Table 2: Absolute Maximum Ratings
TO-92
Part Number
Marking
Package
Packaging
STBV32
STBV32-AP
BV32
BV32
TO-92
TO-92
Bulk
Ammopack
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
700
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0, IB = 0.5 A, tp < 10 ms)
V(BR)EBO
V
IC
Collector Current
(f
≥ 100 Hz, duty-cycle ≤ 50 %, TC = 25 oC)
1.5
A
ICM
Collector Peak Current (tp < 5ms)
3A
IB
Base Current
0.5
A
IBM
Base Peak Current (tp < 5ms)
1.5
A
Ptot
Total Dissipation at TC = 25 oC
1.5
W
STBV32
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
Rev. 2


Similar Part No. - STBV32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBV32 STMICROELECTRONICS-STBV32 Datasheet
67Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2000
logo
Foshan Blue Rocket Elec...
STBV32 FOSHAN-STBV32 Datasheet
778Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
logo
STMicroelectronics
STBV32 STMICROELECTRONICS-STBV32 Datasheet
217Kb / 11P
High voltage fast-switching NPN power transistor
02-Jul-2008
STBV32-AP STMICROELECTRONICS-STBV32-AP Datasheet
217Kb / 11P
High voltage fast-switching NPN power transistor
02-Jul-2008
logo
Cystech Electonics Corp...
STBV32A3 CYSTEKEC-STBV32A3 Datasheet
406Kb / 6P
High Voltage NPN Power Transistor
More results

Similar Description - STBV32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com