Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 132Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 133Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 134Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 135Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 136Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 137Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 138Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 139Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
136/172
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
13.5.3 Crystal and Ceramic Resonator Oscillators
The ST7 internal clock can be supplied with four
different Crystal/Ceramic resonator oscillators. All
the information given in this paragraph are based
on characterization results with specified typical
external components. In the application, the reso-
nator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to
minimize output distortion and start-up stabiliza-
tion time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, pack-
age, accuracy...).
Figure 71. Typical Application with a Crystal or Ceramic Resonator
Notes:
1. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal/ceramic resonator manufacturer for more details.
Symbol
Parameter
Conditions
Min
Max
Unit
fOSC
Oscillator Frequency 1)
VLP : Very Low power oscillator
LP: Low power oscillator
MP: Medium power oscillator
MS: Medium speed oscillator
HS: High speed oscillator
0.032
1
>2
>4
>8
0.1
2
4
8
16
MHz
RF
Feedback resistor
20
40
k
Ω
CL1
CL2
Recommended load capacitance ver-
sus equivalent serial resistance of the
crystal or ceramic resonator (RS)
VLP oscillator
RS=200Ω
LP oscillator
RS=200Ω
MP oscillator
RS=200Ω
MS oscillator
RS=100Ω
HS oscillator
60
38
32
10
10
100
100
47
47
30
pF
Symbol
Parameter
Conditions
Typ
Max
Unit
i2
OSC2 driving current
VLP oscillator
VDD=5V
LP oscillator
VIN=VSS
MP oscillator
MS oscillator
HS oscillator
2.5
80
160
310
610
5
150
250
460
900
µA
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com