Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 134Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 135Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 136Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 137Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 138Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 139Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 140Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 141Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
138/172
CLOCK CHARACTERISTICS (Cont’d)
13.5.4 RC Oscillators
The ST7 internal clock can be supplied with an in-
ternal RC oscillator.
Figure 72. Typical Application with RC oscillator
Figure 73. Typical fOSC(RCINT) vs VDD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC (RCINT)
Internal RC oscillator frequency
See Figure 73
TA=25°C, VDD=5V
23.5
6
MHz
fOSC
INTERNAL RC
VREF
+
-
VDD
Current copy
Voltage generator
CEX discharge
ST72XXX
RIN
CIN
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2.35
5
5.5
Vdd(V)
T=25C
T=130C
T=-45C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com