Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 133Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 134Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 135Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 136Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 137Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 138Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 139Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 140Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
137/172
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Notes:
1. Resonator characteristics given by the ceramic resonator manufacturer.
2. SMD = [-R0: Plastic tape package (∅ =180mm), -B0: Bulk]
LEAD = [-A0: Flat pack package (Radial taping Ho= 18mm), -B0: Bulk]
3. LP mode is not recommended for 2 MHz resonator because the peak to peak amplitude is too small (>0.8V)
For more information on these resonators, please consult www.murata.com
Supplier
fOSC
(MHz)
Typical Ceramic Resonators
Reference2)
Recommended OSCRNGE
Option bit Configuration
2
CSTCC2M00G56A-R0
MP Mode3)
4
CSTCR4M00G55B-R0
MS Mode
8
CSTCE8M00G55A-R0
HS Mode
16
CSTCE16M0G53A-R0
HS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com