| Electronic Components Datasheet Search |
|
TMS320C32PCMA40 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C32PCMA40 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 45 page ![]() TMS320C32 DIGITAL SIGNAL PROCESSOR SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996 39 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing of peripheral pin configured as general-purpose I/O (see Figure 32) NO ’C32 - 40 ’C32 - 50 ’C32 - 60 UNIT NO. MIN MAX MIN MAX MIN MAX UNIT 92 tsu(GPIOH1L) Setup time, general-purpose input before H1 low 10 9 8 ns 93 th(GPIOH1L) Hold time, general-purpose input after H1 low 0 0 0 ns 94 td(GPIOH1H) Delay time, general-purpose output after H1 high 13 10 8 ns Peripheral Pin (see Note A) H1 H3 94 94 92 93 NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLKx. The modes of these pins are defined by the contents of internal control registers associated with each peripheral. Figure 32. Peripheral-Pin General-Purpose I / O Timing timing of peripheral pin changing from general-purpose output to input mode (see Figure 33) NO ’C32 - 40 ’C32 - 50 ’C32 - 60 UNIT NO. MIN MAX MIN MAX MIN MAX UNIT 95 th(H1H) Hold time, after H1 high 13 12 11 ns 96 tsu(GPI0H1L) Setup time, peripheral pin before H1 low 10 9 8 ns 97 th(GPIOH1L) Hold time, peripheral pin after H1 low 0 0 0 ns 97 96 95 Value on Pin Seen in Peripheral Control Register Synchronizer Delay Buffers Go From Output to Input Execute Store of Peripheral Control Register Data Bit Peripheral Pin (see Note A) I/O Control Bit H1 H3 Output Data Seen Data Sampled NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLKx. The modes of these pins are defined by the contents of internal control registers associated with each peripheral. Figure 33. Timing of Peripheral Pin Changing From General-Purpose Output to Input-Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |