Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C32PCMA40 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320C32PCMA40
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA40 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C32PCMA40 Datasheet HTML 9Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 10Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 11Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 12Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 13Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 14Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 15Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 16Page - Texas Instruments TMS320C32PCMA40 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map
Figure 8 depicts the memory map for the TMS320C32. Refer to theTMS320C32 Addendum to the
TMS320C3x
User’s Guide (literature number SPRU132) for a detailed description of this memory mapping, with shading to
indicate external memory.
External Memory
STRB1 Active
(7.168M Words)
Boot 3
External Memory
STRB1 Active
(7.168M Words)
External Memory
STRB0 Active
(512K Words)
Microprocessor Mode
Microcomputer/Boot-LoaderMode
900001h
Boot 2
810001h
Boot 1
1001h
1000h
FFFh
Boot-Loader Operations
Reserved for
External Memory
STRB0 Active
(8.188M Words)
Reserved
(32K Words)
Reserved
(26K Words)
Peripheral-Bus
Memory-Mapped Registers
(6K-Word Internal)
0h
7FFFFFh
800000h
807FFFh
808000h
809800h
80FFFFh
810000h
8097FFh
Reserved
(319.5K Words)
RAM Block 0 (256-Word Internal)
External Memory
IOSTRB Active
(128K Words)
RAM Block 1 (256-Word Internal)
External Memory
STRB0 Active
(512K Words)
82FFFFh
830000h
87FDFFh
87FE00h
87FEFFh
87FFFFh
880000h
900000h
8FFFFFh
87FF00h
FFFFFFh
87FEFFh
RAM Block 1
(256-Word Internal)
RAM Block 0
(256-Word Internal)
Reserved
(314.5K Words)
External Memory
IOSTRB Active
(128K Words)
Reserved
(26K Words)
(6K-Word Internal)
Memory-Mapped Registers
Peripheral-Bus
Reserved
(32K Words)
FFFFFFh
900000h
8FFFFFh
880000h
87FFFFh
87FF00h
87FE00h
87FDFFh
830000h
82FFFFh
810000h
80FFFFh
809800h
8097FFh
808000h
807FFFh
800000h
7FFFFFh
0h
External Memory
STRB0 Active
(8.192M Words)
Reset-Vector Location
Figure 8. TMS320C32 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com